Part Number Hot Search : 
NTE4151P BU9252F A3843 UM8711 LT1111 IN80C186 HC5555 AN78L06M
Product Description
Full Text Search
 

To Download KDR322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
LOW VOLTAGE HIGH SPEED SWITCHING.
KDR322
SILICON EPITAXIAL
SCHOTTKY BARRIER TYPE DIODE
FEATURES
Low Forward Voltage : VF=0.54V (Typ.).
A
E M B M
Low Reverse Current : IR=5 A (Max.). Small Package : USM.
2
D 3
DIM A
B C D E G H J K
1
MILLIMETERS _ 2.00 + 0.20 _ 1.25 + 0.15 _ 0.90 + 0.10
0.3+0.10/-0.05 _ 2.10 + 0.20 0.65 0.15+0.1/-0.06 1.30 0.00-0.10 0.70 _ 0.42 + 0.10 0.10 MIN
J G
C
L
MAXIMUM RATING (Ta=25
CHARACTERISTIC Maximum (Peak) Reverse Voltage Reverse Voltage Maximum (Peak) Forward Current Average Forward Current Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VRM VR IFM IO PD Tj Tstg RATING 45 40 300 100 100 125 -55 125 UNIT V V mA mA mW
H N K N
L M N
3
1. N.C 2. ANODE 3. CATHODE
2 1
USM
Marking
UL
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC
)
TEST CONDITION IF=1mA IF=10mA IF=100mA VR=40V VR=0, f=1MHz MIN. TYP. 0.28 0.36 0.54 18 MAX. 0.60 5 25 A pF V UNIT
SYMBOL VF (1)
Forward Voltage
VF (2) VF (3)
Reverse Current Total Capacitance
IR CT
2001. 12. 4
Revision No : 2
1/2
KDR322
I F - VF
300m 100m 30m 10m
Ta= 100
Ta= 25
C T - VR
100 TOTAL CAPACITANCE C T (pF) 50 30
FORWARD CURRENT I F (A)
3m 1m 0.3m 0.1m 0
C 25 C
10 5 3
C
Ta=-
0.2
0.4
0.6
0.8
1.0
1
0
4
8
12
16
20
24
28
32
36
FORWARD VOLTAGE V F (V)
REVERSE VOLTAGE V R (V)
IR - VR
100 m 30 m 10 m 3m 1m 300n 100n 30n 10n 3n 1n 0.3n 0.1n 0 10 20 30 40 50 REVERSE VOLTAGE V R (V)
Ta=0 C Ta=-25 C Ta=100 C Ta=75 C Ta=50 C Ta=25 C
2001. 12. 4
REVERSE CURRENT I R (A)
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KDR322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X